Part Number Hot Search : 
ZA3020 VRE302LS 15800 AA51880 6204A11 12F100B MC78L15F AN90B20S
Product Description
Full Text Search
 

To Download DSH-142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  528 * all specifcations and photos are subject to change without notice. axiomtek.com overview industrial panel computers & monitors heavy-duty fanless touch panel computers digital signage solutions healthcare & medical solutions open frame panel computers accessories ? 2013 axiomtek co., ltd. all rights reserved. DSH-142 42" full hd industrial grade digital signage system pluggable engine box: easy system confguration and maintenance water/dust-proof design (front bezel: ip65, full enclosure: ip30) 42" tft lcd - full hd 1920 x 1080p intel ? core?2 duo/ celeron ? m processor self diagnosis and built-in sensors : brightness, temperature and lcd life expectancy supports vesa fpmpmi compliant fat panel mount specifcations ordering information dimensions lcd panel size 42" contrast 4000 : 1 pixel pitch 484 x 484 (um) viewing angle (h/v) 178 x 178 response time 6.5ms color 16.7m brightness (cd/m 2 ) 400 board cpu socket p for intel ? core?2 duo/ celeron ? m processor chipset intel ? gm45 front side bus 1033 mhz memory 2 x 204-pin ddr3 so-dimm max. up to 8 gb hdd 1 x 2.5" sata hdd tray watchdog 255 levels, 0~255 sec. i/o 1 x vga or dvi out 4 x usb 2.0 ethernet 1 x 10/100/1000mbps ethernet expansion slot 1 x pci express mini card (802.11 b/g wireless lan) sensors environment temperature detection lcd timing controller detection lcd life expectancy environment brightness detection audio 2 x 5w speaker touchscreen infrared (ir) type (optional, w/o ip65) power supply 450w, 100 ~240vac dimensions 990 mm (38.9") (w) x118 mm (4.65") (d) x 583 mm (22.95") (h) packing dimensions 1109 mm (43.66") (w) x 260 mm (10.23") (d) x 679 mm (26.73") (h) weight (net/gross) 40.5 kg (89.3 lb)/44.5 kg (98.2 lb) environment 0 ~ +40c, operation,10% ~ 95% relative humidity DSH-142-g (p/n: e22j142100) 42" all-in-one full hd ip30 digital signage with intel ? gm45 (glass) * specifcation and certifcations are based on options and may vary. features low p ower ip65 ip30 full hd optional os installation optional eos installation windows ? xp, windows ? 7 windows ? xp embedded packing 1 x driver cd 1 x power cord


▲Up To Search▲   

 
Price & Availability of DSH-142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X